PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
L14G3 L14G2 L14G1 |
MODULAR EXTENSION 6 WIRE SCA-SIG CAPT CABLE BEIGE HERMETIC SILICON PHOTOTRANSISTOR
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SW08CXC300 SW12CXC300 SW58CXC620 SW42CXC680 SW30CX |
650 A, 800 V, SILICON, RECTIFIER DIODE 650 A, 1200 V, SILICON, RECTIFIER DIODE 1520 A, 5800 V, SILICON, RECTIFIER DIODE 1610 A, 4200 V, SILICON, RECTIFIER DIODE 5100 A, 3000 V, SILICON, RECTIFIER DIODE 5100 A, 3200 V, SILICON, RECTIFIER DIODE 1030 A, 3600 V, SILICON, RECTIFIER DIODE 2050 A, 2800 V, SILICON, RECTIFIER DIODE 1860 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
1N4148 |
500mW 100 Volt Silicon Epitaxial Diode 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
BYP35A0506 BYP35A05 BYP35A1 BYP35A2 BYP35A3 BYP35A |
35 A, 300 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 50 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 100 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 600 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 200 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 400 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 Silicon Press-Fit-Diodes
|
Semikron International
|
BYP25A1 BYP25K05 BYP25A05 BYP25A2 BYP25A3 BYP25A4 |
Silicon Press-Fit-Diodes High-temperature diodes 25 A, 300 V, SILICON, RECTIFIER DIODE VGA VIDEO CABLE 100 FT MM 25 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 600 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 400 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG Diotec Elektronische
|
CPR3-010LEADFREE CPR3-040LEADFREE CR3-010 |
3 A, 100 V, SILICON, RECTIFIER DIODE 3 A, 400 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MUR405 MUR40511 MUR420 MUR460 MUR4100 MUR440 MUR48 |
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts 4 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 400 V, SILICON, RECTIFIER DIODE, DO-201AD 4 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components http://
|
|